Part Number Hot Search : 
SMF51A 50000 2N5307 24012 HT6240 1N4757 AD8500 PT78N
Product Description
Full Text Search
 

To Download XAL4020-152ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations subject to change without notice. please check our website for latest information. shielded power inductors C xal40xx document 806-1 document 806-1 revised 07/18/12 inductance 2 dcr (mohms) 3 srf typ 4 isat 5 irms (a) 6 part number 1 20% (h) typ max (mhz) (a) 20c rise 40c rise xal4020-221me_ 0.22 5.81 6.40 191 18.7 12.0 16.8 xal4020-401me_ 0.40 7.55 8.30 145 12.5 10.0 14.0 xal4020-601me_ 0.60 9.50 10.45 106 10.4 7.9 11.7 xal4020-102me_ 1.0 13.25 14.60 79 8.7 6.7 9.6 XAL4020-152ME_ 1.5 21.45 23.60 64 7.1 5.2 7.5 xal4020-222me_ 2.2 35.20 38.70 52 5.6 4.0 5.5 xal4030-332me_ 3.3 26.0 28.6 43 5.5 5.0 6.6 xal4030-472me_ 4.7 40.1 44.1 36 4.5 3.9 5.1 xal4030-682me_ 6.8 67.4 74.1 29 3.6 3.0 3.9 xal4040-822me_ 8.2 60.8 66.9 27 4.0 2.4 3.4 xal4040-103me_ 10 84.0 92.4 24 3.0 2.2 3.1 xal4040-153me_ 15 109 120 20 2.8 2.0 2.8 1. when ordering, please specify termination and packaging coded: xal4020-222mec termination: e = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape. b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops 30% (typ) from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. designers kit c429 contains 5 of each value core material composite core and winding loss see www.coilcraft.com/coreloss environmental rohs compliant, halogen free terminations rohs compliant tin-silver (96.5/3.5) over copper. other terminations available at additional cost. ambient temperature C40c to +125c with i rms current, +125c to +165c with derated current. storage temperature component: C40c to +165c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 pcb washing only pure water or alcohol recommended ? high current and very low dcr ? aec-200 grade 1 qualifed (C40c to +125c ambient) ? soft saturation makes them ideal for vrm/vrd applications. i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other components. therefore temperature rise should be verifed in application conditions. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation. high tempera ture
document 806-2 document 806-2 revised 07/18/12 shielded power inductors C xal40xx l vs current us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation. high tempera ture
document 806-3 document 806-3 revised 07/18/12 shielded power inductors C xal40xx typical esr vs frequency typical l vs frequency irms derating packaging xal4020: 1000/7 reel; 3500/13 reel plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 2.1 mm pocket depth xal4030: 500/7 reel; 2000/13 reel plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 3.25 mm pocket depth xal4040: 500/7 reel; 2000/13 reel plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 4.27 mm pocket depth 0 5 10 15 20 25 30 35 40 45 50 equiv alent series resistance (ohms) 0.1 1 100 10 frequenc y (mhz) 2.2 h 1.5 h 1.0 h 0.60 h 0.40 h 0.22 h 4.7 h 6.8 h 10 h 15 h 0.1 1 10 100 0.1 1 100 10 frequenc y (mhz) inductance (h) 15 h 10 h 6.8 h 4.7 h 2.2 h 1.5 h 1.0 h 0.60 h 0.40 h 0.22 h 0.157 0.012 4,0 0,3 0.157 0.012 4,0 0,3 0.132 0.008 3,36 0,20 0.032 0.002 0,82 0,05 0.062 0.010 1,57 0,25 0.038 0,98 0.093 2,37 0.146 3,7 r ecommended land p attern dash n umber height (see tab le) maxim um height w eight xal4020 0.083 / 2,1 0.17 ? 0.18 g 0.122 0.161 xal4030 / 3,1 0.26 ? 0.28 g xal4040 / 4,1 0.35 ? 0.37 g dimensions are in inches mm xxx or ientation mar k note :p ar ts manuf actured pr ior to 2011 ma y not ha ve or ientation mar k -40 -20 02 04 06 08 0 100 180 160 140 120 ambient temperature (c) pe r cent of rated rms i 120 110 100 90 80 70 60 50 40 30 20 10 0 25c us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation. high tempera ture


▲Up To Search▲   

 
Price & Availability of XAL4020-152ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X